PART |
Description |
Maker |
LTC2851 |
3.3V 20Mbps RS485/RS422 Transceivers
|
Linear Technology
|
LTC2852CDDPBF LTC2851IS8PBF LTC2850CMS8PBF LTC2850 |
3.3V 20Mbps RS485/RS422 Transceiver; Package: DFN; No of Pins: 10; Temperature Range: 0°C to 70°C LINE TRANSCEIVER, PDSO10 3.3V 20Mbps RS485/RS422 Transceiver; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO8 3.3V 20Mbps RS485/RS422 Transceiver; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC2854IDDPBF LTC2854CDDPBF LTC2854CDD LTC2854CDDT |
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
|
Linear Technology
|
SP1486E |
5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 5kV ESD-Protected
|
Sipex Corporation
|
LTM2881CV-5-PBF LTM2881IV-5-PBF LTM2881CV-3-PBF LT |
Complete Isolated RS485/RS422 楼矛Module Transceiver Power Complete Isolated RS485/RS422 渭Module Transceiver Power Complete Isolated RS485/RS422 μModule Transceiver Power
|
Linear Technology
|
LTM2881 LTM2881CV-3 LTM2881CV-3PBF LTM2881CV-5 LTM |
Complete Isolated RS485/RS422 楼矛Module Transceiver Power Complete Isolated RS485/RS422 μModule Transceiver Power
|
Linear Technology
|
LT1785 LT1785A LT1785AC LT1785ACN8 LT1785ACS8 LT17 |
60V Fault Protected RS485/RS422 Transceivers
|
LINER[Linear Technology]
|
LTM2881 LTC2850 LTC2851 |
±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
|
Linear Technology
|
LTM2881-15 |
Complete Isolated RS485/RS422 Module Transceiver Power
|
Linear Technology
|
SP3078EEN-L SP3078EEN-L_TR SP3072EEN-L SP3072EEN-L |
隆戮15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers 卤15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers ±15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
|
Exar Corporation http://
|
ISL3283E ISL3282E ISL3281E ISL3280E ISL3284E ISL32 |
6.5kV ESD Protected, 125C, 3.0V to 5.5V, SOT-23 Package, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers 【16.5kV ESD Protected, 125∑C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23 Package, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R LINE RECEIVER, PDSO6 6.5kV ESD Protected, 125C, 3.0V to 5.5V, TDFN Package, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers 6.5kV ESD Protected, 125C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
|
Integrated Device Techn... Integrated Device Technology Intersil Corporation Intersil, Corp.
|
LTC1318 |
Single 5VRS232/RS422/AppleTalkDCE Transceiver
|
Linear Technology
|
|